PART |
Description |
Maker |
AD5601BCPZ-RL7 AD5611AKSZ-500RL7 ADR425 AD5601BKSZ |
2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC 2.7 V to 5.5 V, <100 μA, 8-/10-/12-Bit nanoDAC
|
Analog Devices
|
AD5662ARJ-1REEL7 AD5662ARJ-1500RL7 AD5662ARJ-2REEL |
16-Bit nanoDAC in a SOT-23 SERIAL INPUT LOADING, 8 us SETTLING TIME, 16-BIT DAC, PDSO8 16-Bit nanoDAC in a SOT-23
|
Analog Devices ANALOG DEVICES INC
|
AD5620 AD5620BRJ-1REEL7 AD5620CRM-1REEL7 AD5620CRM |
Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23 Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23 SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO8
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5620 |
(AD56x0) 12-/14-/16-Bit nanoDAC
|
Analog Devices
|
EVAL-AD5680EB |
5 V 18-Bit nanoDAC in a SOT-23
|
Analog Devices, Inc.
|
AD5626 |
5 V, 12-Bit nanoDAC?, Serial Interface in MSOP and LFCSP Packages
|
Analog Devices
|
AD5061BRJZ-1500RL7 AD5061BRJZ-2500RL7 AD5061BRJZ-2 |
3 V/5 V, 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23
|
Analog Devices
|
AD5061BRJZ-2500RL7 |
3 V/5 V 16-Bit Vout nanoDAC™ Converter Output Buffered in a Sot 23
|
Analog Devices
|
AD5044BRUZ AD5024 AD5024BRUZ AD5024BRUZ-REEL7 AD50 |
Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
|
Analog Devices
|
AD5063BRMZ-REEL7 AD5062BRJZ-2500RL7 AD5063BRMZ |
2.7 V-5.5 V Full Accurate 16-Bit Vout nanoDAC™ Converter Unbuffered in a Sot 23
|
Analog Devices
|
AD5641BKSZ-500RL7 |
2.7 V to 5.5 V, <100 µA, 14-Bit nanoDAC, SPI Interface in SC70 Package; Package: SC70; No of Pins: 6; Temperature Range: Industrial SERIAL INPUT LOADING, 6 us SETTLING TIME, 14-BIT DAC, PDSO6
|
Analog Devices, Inc.
|